Part Number Hot Search : 
125612T V330ME05 HERF805 MP86PS23 SM3040D TOP253EN GBU6M HR9311SF
Product Description
Full Text Search
 

To Download P6KE39 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
P6KE6.8 THRU P6KE440A
600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
Economical series Available in both unidirectional and bidirectional construction 6.8 to 440 stand-off volts available 600 watts peak pulse power dissipation
Mechanical Characteristics
l l l l l
CASE: Void free transfer molded thermosetting plastic FINISH: Silver plated copper readily solderable. POLARITY: Banded denotes cathode. Bidirectional not marked. WEIGHT: 0.7 Gram(Appx.). MOUNTING POSITION: Any.
DO-15
Maximum Ratings
Peak Pulse Power Dissipation at 25oC: 600Watts Steady State Power Dissipatoin:5 Watts at TL=+75oC 3/8" Lead Length tclamping (0 Volts to BV Min.): Unidirectional<1x10-12 Seconds; Bidirectoinal<5x10-9 Seconds. Operating and Storage Temperature: -55 C to +150 C
o o
D
A Cathode Mark B
D
APPLICATION
This TVS is an economical, molded, commercial product voltagesensitive components from destruction or partial degradation. The response time of their clamping action is virtually instantaneous( 1X10
-12
C
seconds) and they have a peak pulse power rating of 600
watts for 1 ms as depicted in Figure 1 and 2. MCC also offers various varieties of TVS to meet higher and lower power demands and special applications.
DIMENSIONS INCHES MIN .230 .104 .028 1.000 MM MIN 5.80 2.60 .70 25.40 DIM A B C D MAX .300 .140 .034 --MAX 7.60 3.60 .90 --NOTE
NOTES:Forward Voltage (Vf)@!50 amps peak, 8.3 msec sine wave equal to 3.5 volts max. (For unidirectional only) For Bidirectional Construction, indicate a C or CA suffix after part number,i.e.P6KE440CA. Capacitance will be 1/2 that shown in Figure 4.
www.mccsemi.com
P6KE6.8 thru P6KE440A
MCC
Figure 1 10
Figure 2 - Pulse Waveform tr 100 Peak Value IPP Half Wave IPP /2 50 10 x 1000 Wave as defined by R.E.A. Test wave form parameters: tr = 10 sec
PPP - KW 1.0 % IPP
0.1 .1se 1sec 10sec 100sec 1msec c tP 0 Peak Pulse Power (PPP ) - versus - Pulse Time (tP )
0
1
msec
2
3
Peak Pulse Current (% IPP ) - Versus - Time (t)
Figure 3 - Typical Capacitance 10000 Measured at zero bias pf 1000
Figure 4 - Derating Curve
100
% PPP 50
100 10 0
Measured at standoff voltage 10 V BR 100 1000 300 100 200 Temperature C Peak Pulse Power (% PPP ) - Versus - Temperature C 0
Typical Capacitance (pf) - versus - Breakdown voltage (V )
www.mccsemi.com
P6KE6.8 thru P6KE440A
MCC
MAXIMUM REVERSE LEAKAGE ID @VWM (A) MAXIMUM CLAMPING VOLTAGE VC @ IPP V MAXIMUM PEAK PULSE CURRENT IPP A MAX. TEMP COEFFICIENT OF VBR V(BR) (TA) -55C TO 100C % / C
MCC PART NUMBER
BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) NOM
TEST CURRENT IT mADC
RATED STANDOFF VOLTAGE VWM V
MIN
MAX
P6KE6.8 P6KE6.8A P6KE7.5 P6KE7.5A P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P6KE10 P6KE10A P6KE11 P6KE11A P6KE12 P6KE12A P6KE13 P6KE13A P6KE15 P6KE15A P6KE16 P6KE16A P6KE18 P6KE18A P6KE20 P6KE20A P6KE22 P6KE22A P6KE24 P6KE24A P6KE27 P6KE27A P6KE30 P6KE30A P6KE33 P6KE33A P6KE36 P6KE36A P6KE39 P6KE39A P6KE43 P6KE43A P6KE47 P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A P6KE62 P6KE62A P6KE68 P6KE68A
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18 19 19.8 20.9 21.6 22.8 24.3 25.7 27 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6
6.8 6.8 7.5 7.5 8.2 8.2 9.1 9.1 10 10 11 11 12 12 13 13 15 15 16 16 18 18 20 20 22 22 24 24 27 27 30 30 33 33 36 36 39 39 43 43 47 47 51 51 56 56 62 62 68 68
7.48 7.14 8.25 7.88 9.02 8.61 10 9.55 11 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22 21 24.2 23.1 26.4 25.2 29.7 28.4 33 31.5 36.3 34.7 39.6 37.8 42.9 41 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
5.5 5.8 6.05 6.4 6.63 7.02 7.37 7.78 8.1 8.55 8.92 9.4 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53 55.1 58.1
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15 14.5 16.2 15.6 17.3 16.7 19 18.2 22 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77 89 85 98 92
56 57 51 53 48 50 44 45 40 41 37 38 35 36 32 33 27 28 26 27 23 24 21 22 19 20 17 18 15 16 14 14.4 12.6 13.2 11.6 12 10.6 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4 7.8 6.8 7.1 6.1 6.5
.057 .057 .061 .061 .065 .065 .068 .068 .073 .073 .075 .075 .078 .078 .081 .081 .084 .084 .086 .086 .088 .088 .090 .090 .092 .092 .094 .094 .096 .096 .097 .097 .098 .098 .099 .099 .100 .100 .101 .101 .101 .101 .102 .102 .103 .103 .104 .104 .104 .104
www.mccsemi.com
P6KE6.8 thru P6KE440A
MCC
MAXIMUM REVERSE LEAKAGE ID @VWM (A) MAXIMUM CLAMPING VOLTAGE VC @ IPP V MAXIMUM PEAK PULSE CURRENT IPP A MAX. TEMP COEFFICIENT OF VBR V(BR) (TA) -55C TO 100C % / C
MCC PART NUMBER
BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) NOM
TEST CURRENT IT mADC
RATED STANDOFF VOLTAGE VWM V
MIN
MAX
P6KE75 P6KE75A P6KE82 P6KE82A P6KE91 P6KE91A P6KE100 P6KE100A P6KE110 P6KE110A P6KE120 P6KE120A P6KE130 P6KE130A P6KE150 P6KE150A P6KE160 P6KE160A P6KE170 P6KE170A P6KE180 P6KE180A P6KE200 P6KE200A P6KE220 P6KE220A P6KE250 P6KE250A P6KE300 P6KE300A P6KE350 P6KE350A P6KE400 P6KE400A P6KE440 P6KE440A
67.5 71.3 73.8 77.9 81.9 86.5 90 95 99 105 108 114 117 124 135 143 144 152 153 161 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418
75 75 82 82 91 91 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 200 200 220 220 250 250 300 300 350 350 400 400 440 440
82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 484 462
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
60.7 64.1 66.4 70.1 73.7 77.8 81 85.5 89.2 94 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 600
5.5 5.8 5.1 5.3 4.5 4.8 4.2 4.4 3.8 4.0 3.5 3.6 3.2 3.3 2.8 2.9 2.6 2.7 2.5 2.6 2.3 2.4 2.1 2.2 1.8 1.9 1.7 1.8 1.4 1.5 1.2 1.3 1.05 1.1 0.99 1.04
.105 .105 .105 .105 .106 .106 .106 .106 .107 .107 .107 .107 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .108 .110 .110 .110 .110 .110 .110 .110 .110 .110 .110
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of P6KE39

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X